Part Number Hot Search : 
LQ11S44T IRS20957 MX7538BQ A8283SB KIC9459N 10200 103LF SA40A
Product Description
Full Text Search
 

To Download ECE-V1HA101UP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 14 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2012, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt ldmos rf in vg pin 1 ( cut ) rf out vd pin 2 gnd base rf3932 60w gan wideband power amplifier the rf3932 is a 48v, 60w high power discrete amplifier designed for commercial wireless infrastructure, cellular and wi max infrastructure, industrial/scien- tific/medical, and general purpose broa dband amplifier applications. using an advanced high power density gallium nitride (gan) semiconductor process, these high-performance amplifiers achieve high ef ficiency and flat gain over a broad fre- quency range in a single amplifier design. the rf3932 is an unmatched gan tran- sistor, packaged in a hermetic flanged ceramic package. this package provides excellent thermal stability through the use of advanced heat sink and power dissi- pation technologies. ease of integration is accomplished by incorporating simple, optimized matching networks external to the package that provide wideband gain and power performance in a single amplifier. features ? broadband operation dc to 3.5ghz ? advanced gan hemt technology ? advanced heat-sink technology ? small signal gain = 14db at 2ghz ? 48v operation typical performance ? output power 75w at p3db ?drain efficiency 68% at p3db ? -40c to 85c operation applications ? commercial wireless infrastructure ? cellular and wimax infrastructure ? civilian and military radar ? general purpose broadband amplifiers ? public mobile radios ? industrial, scientific, and medical rf3932s2 2-piece sample bag rf3932sb 5-piece bag rf3932sq 25-piece bag rf3932sr 100 pieces on 7? short reel rf3932tr7 750 pieces on 7? reel rf3932pck-411 fully assembled evaluation board optimized for 2.14ghz; 48v ds120406 ? package: hermetic 2-pin flanged ceramic
2 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit drain voltage (v d )150v gate voltage (v g ) -8 to +2 v gate current (i g )39ma operational voltage 65 v ruggedness (vswr) 10:1 storage temperature range -55 to +125 c operating temperature range (t c )-40 to +85c operating junction temperature (t j )200c human body model class 1a mttf (t j < 200c, 95% confidence limits)* 3 x 10 6 hours thermal resistances, r th (junction to case) measured at t c = 85c, dc bias only 2.6 c/w *mttf - median time to failure for wear-out failure mode (30% i dss degradation) which is determined by the technology process reliability. refer to product qualification report for fit (random) failure rate. operation of this device beyond any one of these limits may cause permanent damage. for reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table below. bias conditions should also satisfy the following expression: p diss < (t j - t c ) / r th j-c and t c = t case parameter specification unit condition min. typ. max. recommended operating conditions drain voltage (v dsq )2848v gate voltage (v gsq ) -4.5-3.7-2.5 v drain bias current 220 ma frequency of operation dc 3500 mhz capacitance c rss 5pf v g = -8v, v d = ov c iss 23 pf v g = -8v, v d = ov c oss 16.5 pf v g = -8v, v d = ov dc functional test i g (off) - gate leakage 2ma v g = -8v, v d = ov i d (off) - drain leakage 2.5 ma v g = -8v, v d = 48v v gs (th) - threshold voltage -4.2 v v d = 48v, i d = 10ma v ds (on) - drain voltage at high current 0.25 v v g = ov, i d = 1.5a rf functional test [1], [2] v gsq -3.4 v v d = 48v, i d = 220ma gain 11 13 db cw, p out = 47.8dbm, f = 2140mhz drain efficiency 55 60 % cw, p out = 47.8dbm, f = 2140mhz input return loss -12 db cw, p out = 47.8dbm, f = 2140mhz caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rfmd green: rohs compliant per eu directive 2002/95/ec, halogen free per iec 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a fl ame retardant, and <2% antimony in solder.
3 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . parameter specification unit condition min. typ. max. rf typical performance [1], [2] small signal gain 21 db cw, f = 900mhz small signal gain 14 db cw, f = 2140mhz output power at pdb 48.80 dbm cw, f = 900mhz output power at p3db 48.70 dbm cw, f = 2140mhz drain efficiency at p3db 68 % cw, f = 900mhz drain efficiency at p3db 66 % cw, f = 2140mhz [1] test conditions: cw operation, v dsq = 48v, i dq = 220ma, t = 25oc [2] performance in a standard tuned test fixture.
4 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance in standard 2.14ghz tuned test fixture (cw, t = 25c, unless otherwise noted) e?cienc y vs. out p ut power ( f = 2140mhz ) 70 e?ciency vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) 50 60 70 % ) e?ciency vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) e? 85c e? 25c e? - 25c 40 50 60 70 e?ciency (%) e?ciency vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) e? 85c e? 25c e? -25c 30 40 50 60 70 drain e?ciency (%) e?ciency vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) e? 85c e? 25c e? -25c 10 20 30 40 50 60 70 drain e?ciency (%) e?ciency vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) e? 85c e? 25c e? -25c 10 20 30 40 50 60 70 32 34 36 38 40 42 44 46 48 drain e?ciency (%) output power (dbm) e?ciency vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) e? 85c e? 25c e? -25c 10 20 30 40 50 60 70 32 34 36 38 40 42 44 46 48 drain e?ciency (%) output power (dbm) e?ciency vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) e? 85c e? 25c e? -25c gain vs. out p ut power ( f = 2140mhz ) 16 gain vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) 14 15 16 gain vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) 13 14 15 16 g ain (db) gain vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) 12 13 14 15 16 gain (db) gain vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) gain 85c 10 11 12 13 14 15 16 gain (db) gain vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) gain 85c gain 25c gain -25c 10 11 12 13 14 15 16 32 34 36 38 40 42 44 46 48 gain (db) output power (dbm) gain vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) gain 85c gain 25c gain -25c 10 11 12 13 14 15 16 32 34 36 38 40 42 44 46 48 gain (db) output power (dbm) gain vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) gain 85c gain 25c gain -25c -6 input return loss vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) -10 -8 -6 input return loss vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) -16 -14 -12 -10 -8 -6 r n loss (db) input return loss vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) -20 -18 -16 -14 -12 -10 -8 -6 n put return loss (db) input return loss vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) irl 85c irl 25c -26 -24 -22 -20 -18 -16 -14 -12 -10 -8 -6 irl, input return loss (db) input return loss vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) irl 85c irl 25c irl -25c -30 -28 -26 -24 -22 -20 -18 -16 -14 -12 -10 -8 -6 32 34 36 38 40 42 44 46 48 irl, input return loss (db) input return loss vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) irl 85c irl 25c irl -25c -30 -28 -26 -24 -22 -20 -18 -16 -14 -12 -10 -8 -6 32 34 36 38 40 42 44 46 48 irl, input return loss (db) frequency (mhz) input return loss vs. output power (f = 2140mhz) (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) irl 85c irl 25c irl -25c -15 -14 -13 15 16 17 small signal performance vs. frequency, pout = 30dbm (vd = 48v, idq = 220ma) fixed tuned test circuit -21 -20 -19 -18 -17 -16 -15 -14 -13 9 10 11 12 13 14 15 16 17 r eturn loss (db) g ain (db) small signal performance vs. frequency, pout = 30dbm (vd = 48v, idq = 220ma) fixed tuned test circuit -26 -25 -24 -23 -22 -21 -20 -19 -18 -17 -16 -15 -14 -13 4 5 6 7 8 9 10 11 12 13 14 15 16 17 input return loss (db) gain (db) small signal performance vs. frequency, pout = 30dbm (vd = 48v, idq = 220ma) gain irl fixed tuned test circuit -27 -26 -25 -24 -23 -22 -21 -20 -19 -18 -17 -16 -15 -14 -13 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 2110 2120 2130 2140 2150 2160 2170 input return loss (db) gain (db) frequency (mhz) small signal performance vs. frequency, pout = 30dbm (vd = 48v, idq = 220ma) gain irl fixed tuned test circuit drain e?ciency vs frequency pout = 47 8dbm 66 drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 62 64 66 (%) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 60 62 64 66 a in e?ciency (%) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) e? fixed tuned test circuit 58 60 62 64 66 drain e?ciency (%) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) e? fixed tuned test circuit 56 58 60 62 64 66 2110 2120 2130 2140 2150 2160 2170 drain e?ciency (%) frequency (mhz) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) e? fixed tuned test circuit gain/irl vs frequency pout = 47 8dbm - 7 - -5 15 1 17 gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 11 -10 -9 -8 -7 -6 -5 11 12 13 14 15 16 17 l oss (db) ) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit - 14 -13 -12 -11 -10 -9 -8 -7 -6 -5 8 9 10 11 12 13 14 15 16 17 n put return loss (db) gain (db) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 18 -17 -16 -15 -14 -13 -12 -11 -10 -9 -8 -7 -6 -5 4 5 6 7 8 9 10 11 12 13 14 15 16 17 input return loss (db) gain (db) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) gain irl fixed tuned test circuit -18 -17 -16 -15 -14 -13 -12 -11 -10 -9 -8 -7 -6 -5 4 5 6 7 8 9 10 11 12 13 14 15 16 17 2110 2120 2130 2140 2150 2160 2170 input return loss (db) gain (db) frequency (mhz) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) gain irl fixed tuned test circuit
5 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . -40 -35 -30 -25 -20 -15 -10 ulaon distoron (imd - dbc) imd vs. output power (vd = 48v, idq = 220ma, f1 = 2139.5mhz, f2 = 2140.5mhz) -imd3 imd3 -imd5 imd5 -imd7 imd7 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 0 0 1 0 1 1 intermodulaon distoron (imd - dbc) pout, output power (w- pep) imd vs. output power (vd = 48v, idq = 220ma, f1 = 2139.5mhz, f2 = 2140.5mhz) -imd3 imd3 -imd5 imd5 -imd7 imd7 14 16 18 gain (db) gain vs. pout (2-tone 1mhz seperaon, vd = 48v, idq varied, fc = 2140mhz) 110ma 165ma 220ma 275ma 10 12 14 16 18 0 0 1 0 1 1 gain (db) pout, output power (w-pep) gain vs. pout (2-tone 1mhz seperaon, vd = 48v, idq varied, fc = 2140mhz) 110ma 165ma 220ma 275ma 330ma -30 -25 -20 -15 t ermodulaon distoron (dbc) imd3 vs. pout (2-tone 1mhz seperaon, vd = 48v, idq varied, fc = 2140mhz) 110ma 165ma 220ma 275ma -40 -35 -30 -25 -20 -15 0 0 1 0 1 1 imd3, intermodulaon distoron (dbc) pout, output power (w-pep) imd3 vs. pout (2-tone 1mhz seperaon, vd = 48v, idq varied, fc = 2140mhz) 110ma 165ma 220ma 275ma 330ma 70 80 15 16 gain/ e?ciency vs. pout, f = 2140mhz (cw, vd = 48v, idq = 220ma) 30 40 50 0 70 80 11 12 13 14 15 1 a in e?ciency (%) gain (db) gain/ e?ciency vs. pout, f = 2140mhz (cw, vd = 48v, idq = 220ma) 0 10 20 30 40 50 0 70 80 8 9 10 11 12 13 14 15 1 drain e?ciency (%) gain (db) gain/ e?ciency vs. pout, f = 2140mhz (cw, vd = 48v, idq = 220ma) gain drain e? 0 10 20 30 40 50 60 70 80 8 9 10 11 12 13 14 15 16 30 35 40 45 50 drain e?ciency (%) gain (db) pout, output power (dbm) gain/ e?ciency vs. pout, f = 2140mhz (cw, vd = 48v, idq = 220ma) gain drain e? 30 40 50 60 70 80 11 12 13 14 15 16 d rain e?ciency (%) gain (db) gain/ e?ciency vs. pout, f = 2140mhz (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) 0 10 20 30 40 50 60 70 80 8 9 10 11 12 13 14 15 16 30 35 40 45 50 drain e?ciency (%) gain (db) pout, output power (dbm) gain/ e?ciency vs. pout, f = 2140mhz (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) gain drain e?
6 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . typical performance in standard 900mhz tuned test fixture (cw, t = 25c, unless otherwise noted) -35 -30 -25 -20 -15 -10 n termodulaon distoron (dbc) imd3 vs. pout (2-tone 1mhz seperaon, vd = 48v, idq varied, fc = 900mhz) 110ma 165ma -50 -45 -40 -35 -30 -25 -20 -15 -10 0 0 1 0 1 1 imd3, intermodulaon distoron (dbc) pout, output power (w-pep) imd3 vs. pout (2-tone 1mhz seperaon, vd = 48v, idq varied, fc = 900mhz) 110ma 165ma 220ma 275ma 330ma 50 60 70 80 20 22 24 26 c iency (%) (db) gain/ e?ciency vs. pout, f = 900mhz (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) 10 20 30 40 50 60 70 80 12 14 16 18 20 22 24 26 38 40 42 44 46 48 50 drain e?ciency (%) gain (db) pout, output power (dbm) gain/ e?ciency vs. pout, f = 900mhz (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) gain drain e? 10 20 30 40 50 60 70 80 12 14 16 18 20 22 24 26 38 40 42 44 46 48 50 drain e?ciency (%) gain (db) pout, output power (dbm) gain/ e?ciency vs. pout, f = 900mhz (pulsed 10% duty cycle, 10us, vd = 48v, idq = 220ma) gain drain e? 40 50 60 70 80 18 20 22 24 26 d rain e?ciency (%) gain (db) gain/ e?ciency vs. pout, f = 900mhz (cw, vd = 48v, idq = 220ma) 10 20 30 40 50 60 70 80 12 14 16 18 20 22 24 26 38 40 42 44 46 48 50 drain e?ciency (%) gain (db) pout, output power (dbm) gain/ e?ciency vs. pout, f = 900mhz (cw, vd = 48v, idq = 220ma) gain drain e? 71 73 drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 67 69 71 73 ) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 63 65 67 69 71 73 e ?ciency (%) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 57 59 61 63 65 67 69 71 73 drain e?ciency (%) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) e? fixed tuned test circuit 55 57 59 61 63 65 67 69 71 73 drain e?ciency (%) frequency (mhz) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) e? fixed tuned test circuit 55 57 59 61 63 65 67 69 71 73 880 890 900 910 920 drain e?ciency (%) frequency (mhz) drain e?ciency vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) e? fixed tuned test circuit - 10 22 gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) 13 -12 -11 -10 19 20 21 22 gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit -16 -15 -14 -13 -12 -11 -10 16 17 18 19 20 21 22 t urn loss (db) (db) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit 20 -19 -18 -17 -16 -15 -14 -13 -12 -11 -10 12 13 14 15 16 17 18 19 20 21 22 input return loss (db) gain (db) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) fixed tuned test circuit -22 -21 -20 -19 -18 -17 -16 -15 -14 -13 -12 -11 -10 10 11 12 13 14 15 16 17 18 19 20 21 22 880 890 900 910 920 input return loss (db) gain (db) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) gain irl fixed tuned test circuit -22 -21 -20 -19 -18 -17 -16 -15 -14 -13 -12 -11 -10 10 11 12 13 14 15 16 17 18 19 20 21 22 880 890 900 910 920 input return loss (db) gain (db) frequency (mhz) gain/irl vs. frequency, pout = 47.8dbm (cw, vd = 48v, idq = 220ma) gain irl fixed tuned test circuit -8 -7 -6 -5 -4 -3 18 19 20 21 22 23 t return loss (db) gain (db) small signal performance vs . frequency, pout = 30dbm (vd = 48v, idq = 220ma) fixed tuned test circuit -12 -11 -10 -9 -8 -7 -6 -5 -4 -3 14 15 16 17 18 19 20 21 22 23 880 890 900 910 920 input return loss (db) gain (db) frequency (mhz) small signal performance vs . frequency, pout = 30dbm (vd = 48v, idq = 220ma) gain irl fixed tuned test circuit
7 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . 19 20 21 22 23 24 gain (db) gain vs. pout (2-tone 1mhz vd = 48v, idq varied, fc = 900mhz) 110ma 165ma 17 18 19 20 21 22 23 24 0 0 1 0 1 1 gain (db) pout, output power (w -pep) gain vs. pout (2-tone 1mhz separaon, vd = 48v, idq varied, fc = 900mhz) 110ma 165ma 220ma 275ma 330ma - 40 -35 -30 -25 -20 -15 -10 laon distoron (imd - dbc) imd vs. output power (vd = 48v, idq = 220ma, f1 = 899.5mhz, f2 = 900.5mhz) -imd3 imd3 -imd5 imd5 -imd7 imd7 -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 0 0 1 0 1 1 intermodulaon distoron (imd - dbc) pout, output power (w- pep) imd vs. output power (vd = 48v, idq = 220ma, f1 = 899.5mhz, f2 = 900.5mhz) -imd3 imd3 -imd5 imd5 -imd7 imd7
8 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing (package style: flanged ceramic) all dimensions in mm. pin function description 1 gate gate - vg input 2 drain drain - vd rf output 3 source source - ground base 2 3 1
9 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . bias instruction for rf3932 evaluation board esd sensitive material. please use proper esd precau tions when handling devices of evaluation board. evaluation board requires additional external fan cooling. connect all supplies before powering evaluation board. 1. connect rf cables at rf in and rf out . 2. connect ground to the ground supply terminal, and ensure that both the vg and vd grounds are also connected to this ground te rminal. 3. apply -8v to v g . 4. apply 48v to v d . 5. increase v g until drain current reaches 220ma or desired bias point. 6. turn on the rf input.
10 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . 2.14ghz evaluation board schematic 2.14ghz evaluation board bill of materials component value manufacturer part number c1 10pf atc atc800a100jt c2, c10, c11, c15 33pf atc atc800a330jt c3,c14 0.1 ? f murata grm32nr72a104ka01l c4,c13 4.7 ? f murata grm55er72a475ka01l c5 100 ? f panasonic ECE-V1HA101UP c6 2.2pf atc atc800a2r2bt c7, c8 0.8pf atc atc800a0r8bt c9 3.0pf atc atc800a3r0bt c12 100 ? f panasonic eev-tg2a101m r1 10 ? panasonic erj-8geyj100v c16, c17, c18, c19 not used - - pcb ro4350, 0.030" thick dielectric rogers -      
                  
      
11 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . 2.14ghz evaluation board layout device impedances note: device impedances reported are the measured evaluation board impedances chosen for a trade-off of efficiency, peak power, and linearity performance across the entire frequency bandwidth. frequency (mhz) z source ( ? ) z load ( ?? 2110 2.56 - j4.27 4.76 + j0.7 2140 2.45 - j3.94 4.77 + j1.3 2170 2.36 - j3.6 4.80 + j1.9
12 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . 900mhz evaluation board schematic 900mhz evaluation board bill of materials component value manufacturer part number c1, c2, c10, c11 68pf atc atc100b680jt c3,c14 0.1 ? f murata grm32nr72a104ka01l c4,c13 4.7 ? f murata grm55er72a475ka01l c6 18pf atc atc800a180jt c7 15pf atc atc800a150jt c8 6.8pf atc atc100b6r8ct c9 2.0pf atc atc100b2r0ct c12 330 ? f panasonic eeu-fc2a331 c5 100 ? f panasonic ECE-V1HA101UP r1 10 ? panasonic erj-8geyj100v
13 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . 900mhz evaluation board layout device impedances note: device impedances reported are the measured evaluation board impedances chosen for a trade-off of efficiency, peak power, and linearity performance across the entire frequency bandwidth. frequency (mhz) z source ( ? ) z load ( ?? 880 1.16 + j1.1 12.68 + j6.5 900 1.30 + j1.5 13.30 + j7.2 920 1.60 + j1.6 14.00 + j7.9
14 of 14 rf3932 ds120406 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . device handling/envir onmental conditions gan hemt devices are esd sensitive materials. please use proper esd precautions when handling devices or evaluation boards. gan hemt capacitances the physical structure of the gan hemt results in three terminal capacitors similar to other fet technologies. these capacitances exist across all three terminals of th e device. the physical manufactured characteristics of the device determine the value of the c ds (drain to source), c gs (gate to source) and c gd (gate to drain). these capacitances change value as the terminal voltages ar e varied. rfmd presents the three terminal capacitances measured with the gate pinched off (v gs = -8v) and zero volts applied to th e drain. during the measurement pro- cess, the parasitic capacitances of the package that holds the amplifier is removed through a calibration step. any internal matching is included in the terminal ca pacitance measurements. the ca pacitance values presented in the typical characteristics table of th e device represent the measured input (c iss ), output (c oss ), and reverse (c rss ) capacitance at the stated bias voltages. the relationship to three terminal capacitances is as follows: c iss = c gd + c gs c oss = c gd + c ds c rss = c gd dc bias the gan hemt device is a depletio n mode high electron mobility tr ansistor (hemt). at zero volts v gs the drain of the device is saturated and uncontrolled drain current will destroy the transi stor. the gate voltage must be taken to a potential lower than the source voltage to pinch off th e device prior to applying the drain voltage, taking care not to exceed the gate voltage maximum limits. rfmd recommends applying v gs = -5v before applying any v ds . rf power transistor performance capabilities are determin ed by the applied quiescent drain current. this drain current can be adjusted to trade off power, linearity, and efficiency characteristic s of the device. the recom- mended quiescent drain current (i dq ) shown in the rf typical performance ta ble is chosen to best represent the operational characteristics for this device, considering manufacturing variations and expected performance. the user may choose alternate conditions for bias ing this device based on performance trade off. mounting and thermal considerations the thermal resistance provided as r th (junction to case) represents only the packaged device thermal charac- teristics. this is measured using ir microscopy capturin g the device under test temperature at the hottest spot of the die. at the same time, the package temperature is measured using a thermocouple touching the backside of the die embedded in the device heat sink but sized to prevent the meas urement system from impacting the results. knowing the dissipated power at the time of th e measurement, the thermal resistance is calculated. in order to achieve the advertised mttf, proper heat remo val must be considered to maintain the junction at or below the maximum of 200c. proper thermal design includes considerat ion of ambient temperature and the thermal resistance from ambient to the back of the package including he atsinking systems and air flow mecha- nisms. incorporating the dissipated dc po wer, it is possible to calculate the junction temperature of the device.


▲Up To Search▲   

 
Price & Availability of ECE-V1HA101UP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X